| データシートサーチシステム |
|
M16C/5M データシート(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/5M データシート(HTML) 26 Page - Renesas Technology Corp |
|
26 / 159 page ![]() REJ03B0267-0101 Rev.1.01 Page 26 of 156 Jul 23, 2010 M16C/5M Group, M16C/57 Group 1. Overview Table 1.19 Pin Functions (100-Pin Package Only) Signal Name Pin Name I/O Description INT interrupt input INT6 and INT7 I Input for INT interrupt Timer B TB3IN to TB5IN I Timers B3 to B5 input I/O port P4_0 to P4_7 P5_0 to P5_7 P9_4 I/O CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. For input ports, pull-up resistor is selectable for every unit of 4 bits. Table 1.20 Pin Functions (80-Pin and 64-Pin Package Only) Signal Name Pin Name I/O Description A/D converter AN2_4 I Analog input Table 1.21 Pin Functions (100-Pin and 80-Pin Package Only) Signal Name Pin Name I/O Description Serial Interface UART4 CLK4 I/O Transfer clock input/output RXD4 I Serial data input TXD4 O Serial data output A/D converter AN0_4 to AN0_7 AN2_0 to AN2_3 AN2_5 to AN2_7 I Analog input I/O port P0_4 to P0_7 P1_0 to P1_4 P3_4 to P3_7 P9_5 to P9_7 I/O CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. For input ports, Pull-up resistor is selectable for every unit of 4 bits. |