データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62T55CB6 データシート(PDF) 83 Page - STMicroelectronics

部品番号 ST62T55CB6
部品情報  8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CB6 データシート(HTML) 83 Page - STMicroelectronics

Back Button ST62T55CB6 Datasheet HTML 76Page - STMicroelectronics ST62T55CB6 Datasheet HTML 77Page - STMicroelectronics ST62T55CB6 Datasheet HTML 78Page - STMicroelectronics ST62T55CB6 Datasheet HTML 79Page - STMicroelectronics ST62T55CB6 Datasheet HTML 80Page - STMicroelectronics ST62T55CB6 Datasheet HTML 81Page - STMicroelectronics ST62T55CB6 Datasheet HTML 82Page - STMicroelectronics ST62T55CB6 Datasheet HTML 83Page - STMicroelectronics ST62T55CB6 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
83/84
ST6255C ST6265C ST6265B
9 REVISION HISTORY
Table 29. Document revision history
Date
Rev.
Main Changes
Jul-2001
2.9
Modification of “Additional Notes for EEPROM Parallel Mode” (p.13)
In section 4.2.4 on page 45: vector #4 instead of vector #3 in description of bit 6 (TSCR regis-
ter).
Changed fRC values in section 6.4 on page 68
Changed Figure 48 on page 74.
Changed option list on page 84.
31-Mar-2009
3
Updated part numbers on page 1 and section 8 on page 78
Replaced 255 by 256 in the formula for max resolution ARTIMout duty cycle in section 4.3.2 on
page 45
Altered note in “Capture Mode With Reset Of Counter And Prescaler, and PWM generation”
paragraph on page 48
Added a note in the description of ARMC register in section 4.3.3 on page 49
Added Section 8.1.1 IMPORTANT NOTE on page 78
Added ECOPACK information in section 7 on page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84