データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F23K22-E/P データシート(PDF) 9 Page - Microchip Technology

部品番号 PIC18F23K22-E/P
部品情報  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P データシート(HTML) 9 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 5Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 6Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 7Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 8Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 9Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 10Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 11Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 12Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 9
PIC18(L)F2X/4XK22
TABLE 2:
PIC18(L)F4XK22 PIN SUMMARY
2
17
19
19
RA0
AN0
C12IN0-
3
18
20
20
RA1
AN1
C12IN1-
419
21
21
RA2
AN2
C2IN+
VREF-
DACOUT
5
20
22
22
RA3
AN3
C1IN+
VREF+
6
21
23
23
RA4
C1OUT
SRQ
T0CKI
7
22
24
24
RA5
AN4
C2OUT
SRN
Q
HLVDIN
SS1
14
29
31
33
RA6
OSC2/
CLKO
13
28
30
32
RA7
OSC1/
CLKI
33
8
8
9
RB0
AN12
SRI
FLT0
INT0
Y
34
9
9
10
RB1
AN10
C12IN3-
INT1
Y
35
10
10
11
RB2
AN8
CTED1
INT2
Y
36
11
11
12
RB3
AN9
C12IN2-
CTED2
CCP2/
P2A(1)
Y
37
12
14
14
RB4
AN11
T5G
IOC
Y
38
13
15
15
RB5
AN13
CCP3/
P3A(3)
T1G
T3CKI(2)
IOC
Y
39
14
16
16
RB6
IOC
Y
PGC
40
15
17
17
RB7
IOC
Y
PGD
15
30
32
34
RC0
P2B(4)
SOSCO/
T1CKI
T3CKI(2)
T3G
16
31
35
35
RC1
CCP2(1)
P2A
SOSCI
17
32
36
36
RC2
AN14
CTPLS
CCP1/
P1A
T5CKI
18
33
37
37
RC3
AN15
SCK1/
SCL1
23
38
42
42
RC4
AN16
SDI1/
SDA1
24
39
43
43
RC5
AN17
SDO1
25
40
44
44
RC6
AN18
TX1/
CK1
26
1
1
1
RC7
AN19
RX1/
DT1
19
34
38
38
RD0
AN20
SCK2/
SCL2
20
35
39
39
RD1
AN21
CCP4
SDI2/
SDA2
21
36
40
40
RD2
AN22
P2B(4)
22
37
41
41
RD3
AN23
P2C
SS2
27
2
2
2
RD4
AN24
P2D
SD02
28
3
3
3
RD5
AN25
P1B
29
4
4
4
RD6
AN26
P1C
TX2
CK2
30
5
5
5
RD7
AN27
P1D
RX2/
DT2
8
23
25
25
RE0
AN5
CCP3/
P3A(3)
Note 1:
CCP2 multiplexed in fuses.
2:
T3CKI multiplexed in fuses.
3:
CCP3/P3A multiplexed in fuses.
4:
P2B multiplexed in fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More