| データシートサーチシステム |
|
AMH461F/HB データシート(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AMH461F/HB データシート(HTML) 5 Page - International Rectifier |
|
5 / 5 page ![]() www.irf.com 5 AMH461 Series AMH461 Case Style Outline Part Numbering WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 06/2004 1.450 1.900 1.120 .260 0.050 Typ 0.331 Max 1.000 1.700 0.800 0.920 1 2 3 4 5 Ø 0.104 X3 0.200 Typ Ø 0.030 Pins C 0.350 Tolerances, unless otherwise specified: .XX = ±0.010 .XXX = ±0.005 Pin No. Designation 1 Positive Input 2 Positive Output 3 Case Ground 4 Output Common 5 Input Common Pin Designation * Note : Refer to the Chart on page 4 AMH 461 F / CH Model Applicable Military Test Standard Screening CH, HB, ES *See chart for details Case Style F = Flange No suffix = No Flange 1.450 1.120 .260 0.331 Max 1.000 0.800 1 2 3 4 5 Ø 0.030 Pins C 0.225 R 0.090 Typ Flanged Package Non-Flanged Package |