データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B32632 データシート(PDF) 23 Page - EPCOS

部品番号 B32632
部品情報  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B32632 データシート(HTML) 23 Page - EPCOS

Back Button B32632 Datasheet HTML 19Page - EPCOS B32632 Datasheet HTML 20Page - EPCOS B32632 Datasheet HTML 21Page - EPCOS B32632 Datasheet HTML 22Page - EPCOS B32632 Datasheet HTML 23Page - EPCOS B32632 Datasheet HTML 24Page - EPCOS B32632 Datasheet HTML 25Page - EPCOS B32632 Datasheet HTML 26Page - EPCOS B32632 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case,
both chemical and thermal influences of the embedding ("potting") and curing processes must be
taken into account.
Our experience has shown that the following potting materials can be recommended: non-flexible
epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum
curing temperature of 100
°C.
Caution:
Consult us first if you wish to embed uncoated types!
B32632 ... B32634
Very high pulse (wound)
Page 23 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29