| データシートサーチシステム |
|
LM4546B データシート(PDF) 13 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4546B データシート(HTML) 13 Page - National Semiconductor (TI) |
|
13 / 27 page ![]() Pin Descriptions (Continued) 3D SOUND AND NO-CONNECTS (NC) (Continued) Name Pin I / O Functional Description NC 14–17 29–32 38–44 47, 48 NC These pins are not used and should be left open (NC). For second source applications these pins may be connected to a noise-free supply or ground (e.g. AV DD or AVSS), either directly or through a capacitor. Typical Performance Characteristics ADC Frequency Response DAC Frequency Response 20123319 20123320 ADC Noise Floor DAC Noise Floor 20123315 20123316 Line Out Noise Floor (Analog Loopthrough) 20123318 www.national.com 13 |