データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM8322 データシート(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM8322
部品情報  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 データシート(HTML) 37 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) LM8322 Datasheet HTML 39Page - National Semiconductor (TI) LM8322 Datasheet HTML 40Page - National Semiconductor (TI) LM8322 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
17.20 PWM_WRITE COMMAND
The PWM_WRITE command consists of a command byte
(0x95) and three data bytes from the host. The command
writes a 16-bit script command into a specified address in the
script command file of the specified PWM channel.
7
6
5
4
3
2 1
0
7
6
5
4
3
2
1
0
7 6
5 4 3 2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
1 0
1
ADDRESS
CH
COMMAND
Bit
Value
Description
ADDRESS
0–59
Location in the PWM script command file.
CH
01
PWM channel 0.
10
PWM channel 1.
11
PWM channel 2.
17.21 PWM_START COMMAND
The PWM_START command consists of a command byte
(0x96) and a data byte from the host. This command starts
execution of the script command file at the specified address
for the specified channel.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
1
1
0
ADDRESS
CH
Bit
Value
Description
ADDRESS
0–59
Start address in the PWM script command file.
CH
01
PWM channel 0.
10
PWM channel 1.
11
PWM channel 2.
17.22 PWM_STOP COMMAND
The PWM_STOP command consists of a command byte
(0x97) and a data byte from the host. This command stops
execution of the script command file for the specified channel.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
1
0
1
1
1
0
0
0
0
0
0
CH
Bit
Value
Description
CH
01
PWM channel 0.
10
PWM channel 1.
11
PWM channel 2.
37
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42