データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5035AMH データシート(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM5035AMH
部品情報  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035AMH データシート(HTML) 25 Page - National Semiconductor (TI)

Back Button LM5035AMH Datasheet HTML 21Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 22Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 23Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 24Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 25Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 26Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 27Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 28Page - National Semiconductor (TI) LM5035AMH Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
mended that the ratio of t2 / (t1 + t3) be in the range of 5 to
10 to take advantage of this feature.
If the application requires no delay from the first detection of
a current limit condition to the onset of the hiccup mode (t1 =
0), the RES pin can be left open (no external capacitor). If it
is desired to disable the hiccup mode entirely, the RES pin
should be connected to ground (AGND).
30034116
FIGURE 16. Hiccup Over-Load Restart Timing
25
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30