データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUJ105AD データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BUJ105AD
部品情報  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ105AD データシート(HTML) 4 Page - NXP Semiconductors

  BUJ105AD Datasheet HTML 1Page - NXP Semiconductors BUJ105AD Datasheet HTML 2Page - NXP Semiconductors BUJ105AD Datasheet HTML 3Page - NXP Semiconductors BUJ105AD Datasheet HTML 4Page - NXP Semiconductors BUJ105AD Datasheet HTML 5Page - NXP Semiconductors BUJ105AD Datasheet HTML 6Page - NXP Semiconductors BUJ105AD Datasheet HTML 7Page - NXP Semiconductors BUJ105AD Datasheet HTML 8Page - NXP Semiconductors BUJ105AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9397 750 14196
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
4 of 12
Philips Semiconductors
BUJ105AD
Silicon diffused power transistor
[1]
Measured with half sine-wave voltage (curve tracer).
Dynamic characteristics
Switching times (resistive load); see Figure 5 and 6
ton
turn-on time
ICon = 5 A; IBon = −IBoff = 1 A; RL =75 Ω
-
0.65
1
µs
tstg
storage time
-
1.8
2.5
µs
tf
fall time
-
0.3
0.5
µs
Switching times (inductive load); see Figure 7 and 8
tstg
storage time
ICon = 5 A; IBon = 1 A; LB =1 µH;
VBB = −5V
-
1.2
1.7
µs
tf
fall time
-
2050ns
Switching times (inductive load); see Figure 7 and 8
tstg
storage time
ICon = 5 A; IBon = 1 A; LB = 1 µH;
VBB = −5 V; Tj = 100 °C
-
1.4
1.9
µs
tf
fall time
-
25
100
ns
Table 5:
Characteristics …continued
Tmb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 3.
Test circuit for collector-emitter sustaining
voltage
Fig 4.
Oscilloscope display for collector-emitter
sustaining voltage test waveform
001aab987
horizontal
1
300
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com