| データシートサーチシステム |
|
HT2DC20S20 データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HT2DC20S20 データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 16 page ![]() 2001 Oct 01 6 Philips Semiconductors Product specification HITAG 2 stick transponder HT2DC20S20 handbook, full pagewidth MGW187 READ-ONLY WAIT AUTHORIZED read, write commands RF field applied entering public modes (if configured) start authentication HALT Fig.2 Status flow. Status flow After entering the RF field the transponder waits for a command to start the authentication (see Fig.2). After issuing this command the mutual authentication takes place, followed by read and write commands. In the password mode the data transfer occurs plain and in the crypto mode data are encrypted. The halt state can be entered for muting a transponder. If the transponder is configured in one of the public modes, these modes are entered automatically after a certain waiting time and data pages are sent cyclically to the read and write device. By issuing the command to start the authentication during the waiting time also public mode transponders can be brought into the authorized state. Configuration If you change the configuration (keys or passwords) you have to place the transponder directly on the antenna (0-distance)! In order to avoid any errors, do not move the transponder during this write process and be sure that you are in a safe environment without electrical noise. The configuration byte is represented by the first 8 bits of page 3 of the transponder memory (see Table 2). |