| データシートサーチシステム |
|
VSC056 データシート(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC056 データシート(HTML) 3 Page - Maxim Integrated Products |
|
3 / 134 page ![]() 3 of 134 Revision 4.1 January 2008 VSC056 Data Sheet TYPICAL APPLICATIONS FC-AL Drive Enclosure Configuration ● Basic port bypass configuration ● Support for up to 128 drives: Backplane Controller supports up to two sets of CRU/SDU functions and drives, and 16 Backplane Controllers can be attached simultaneously to the serial bus ● Four-drive implementation is shown below; four-channel PBC with two CRU/SDU functions and general- purpose I/O lines for drive control and status, and other enclosure control functions. Figure 1. Single Loop, Single Controller with Four Drives Driv e Bay 1 Driv e Bay 2 Driv e Bay 3 Driv e Bay 4 VSC7147 VSC056 Local I/O (x8) VSC120 Embedded Controller Temperature Sensor (LM75) Flash Memory Two-Wire Serial Interf ace PBC_EN1 PBC_EN2 PBC_EN3 PBC_EN4 Power Supplies LEDs (x8) PBC_EN Fans (x4) Copper or Optics X24C16 EEPROM Enhanced Backplane Controller VSC7142 |