データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX894LC データシート(PDF) 3 Page - Maxim Integrated Products

部品番号 MAX894LC
部品情報  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LC データシート(HTML) 3 Page - Maxim Integrated Products

  MAX894LC Datasheet HTML 1Page - Maxim Integrated Products MAX894LC Datasheet HTML 2Page - Maxim Integrated Products MAX894LC Datasheet HTML 3Page - Maxim Integrated Products MAX894LC Datasheet HTML 4Page - Maxim Integrated Products MAX894LC Datasheet HTML 5Page - Maxim Integrated Products MAX894LC Datasheet HTML 6Page - Maxim Integrated Products MAX894LC Datasheet HTML 7Page - Maxim Integrated Products MAX894LC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ONA = ONB = IN, VIN = VOUT A = VOUT B = 5.5V
VIN = 5V, ONA = ONB = GND, IOUT A = IOUT B = 0
VIN = 5V
MAX894L, IOUT = 250mA
VIN = 3.0V
MAX895L
ONA = ONB = IN, VIN = 5.5V, VOUT A = VOUT B = 0
Rising edge, 1% hysteresis
MAX894L
VSET_ required to turn the switch off (Note 1)
CONDITION
VIN = 4.5V
MAX894L
MAX895L
µs
200
Turn-On Time
A/A
VOUT > 1.6V
910
1360
IOUT to ISET Current Ratio
V
1.14
1.34
Current-Limit-Amplifier Threshold
µA
2.2
Off-Supply Current
µA
50
V
3.0
5.5
Operating Voltage
Quiescent Current
m
500
300
420
µA
10
Off-Switch Current
V
2.0
2.9
Undervoltage Lockout
On-Resistance
225
UNITS
MIN
TYP
MAX
PARAMETER
µs
0.25
20
Turn-Off Time
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
MAX895L, IOUT = 125mA
880
1315



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com