| データシートサーチシステム |
|
ISL78840ASRHVX/SAMPLE データシート(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL78840ASRHVX/SAMPLE データシート(HTML) 2 Page - Intersil Corporation |
|
2 / 11 page ![]() 2 FN6991.0 December 21, 2009 Ordering Information ORDERING NUMBER PART NUMBER TEMP. RANGE (°C) PACKAGE (Pb-Free) ISL78840ASRHF/PROTO ISL78840ASRHF/PROTO (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724901QXC ISL78840ASRHQF (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724901VXC ISL78840ASRHVF (Notes 1, 2) -55 to +125 8 Ld Flatpack ISL78840ASRHVX/SAMPLE ISL78840ASRHVX/SAMPLE -55 to +125 Die ISL78841ASRHF/PROTO ISL78841ASRHF/PROTO (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724902QXC ISL78841ASRHQF (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724902VXC ISL78841ASRHVF (Notes 1, 2) -55 to +125 8 Ld Flatpack ISL78841ASRHVX/SAMPLE ISL78841ASRHVX/SAMPLE -55 to +125 Die ISL78843ASRHF/PROTO ISL78843ASRHF/PROTO (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724903QXC ISL78843ASRHQF (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724903VXC ISL78843ASRHVF (Notes 1, 2) -55 to +125 8 Ld Flatpack ISL78843ASRHVX/SAMPLE ISL78843ASRHVX/SAMPLE -55 to +125 Die ISL78845ASRHF/PROTO ISL78845ASRHF/PROTO (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R0724904QXC ISL78845ASRHQF (Notes 1, 2) -55 to +125 8 Ld Flatpack 5962R07 24904VXC ISL78845ASRHVF (Notes 1, 2) -55 to +125 8 Ld Flatpack ISL78845ASRHVX/SAMPLE ISL78845ASRHVX/SAMPLE -55 to +125 Die NOTES: 1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. 2. For Moisture Sensitivity Level (MSL), please see device information page for ISL78840ASRH, ISL78841ASRH, ISL78843ASRH, ISL78845ASRH. For more information on MSL please see techbrief TB363. ISL78840ASRH, ISL78841ASRH, ISL78843ASRH, ISL78845ASRH |