データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VC1202A00 データシート(PDF) 4 Page - SHIELD s.r.l.

部品番号 VC1202A00
部品情報  For electrovalves, style A, 2pG or 3pG, female, field attachable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHIELD [SHIELD s.r.l.]
ホームページ  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VC1202A00 データシート(HTML) 4 Page - SHIELD s.r.l.

  VC1202A00 Datasheet HTML 1Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 2Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 3Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CONNETTORI PER ELETTROVALVOLE CON TERMINALI A VITE
Built-in gasket of elastomeric
material on the connector
mating face for easy and
safe assembling
The wires are protected
from the screw point by
the pressure plate
Guarnizione integrata in
materiale elastomerico sul
lato frontale del connettore
per un assemblaggio facile
e sicuro
I fili sono protetti dalla
punta della vite per
mezzo di una piastrina
M16 Thread
Filettatura M16
Guaranteed water
proof grade IP67
Protezione all'acqua
garantita grado IP67
Built-in gasket of elastomeric
material between screw and
housing
Guarnizione integrata in
materiale elastomerico tra
vite e custodia
CONNECTORS FOR ELECTROVALVES WITH SCREW TERMINALS
EN175301-803 (ex DIN43650)
on request
a richiesta
www.shield.net
45-19
version 090707
CONNECTORS |CONNETTORI



Html Pages

1 2 3 4