| データシートサーチシステム |
|
MB90F474LPF データシート(PDF) 97 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF データシート(HTML) 97 Page - fujitsu semiconductor |
|
97 / 118 page ![]() MB90470 Series 97 (7) Ready Input Timing (VCC = 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) Notes : • If the RDY setup time is not sufficient, use the auto ready function. • VCC = VCC3 = VCC5 • If input from the RDY pin, note that the AC ratings must be satisfied so that the chip will not drive recklessly. Parameter Symbol Pin name Condi- tions Value Unit Remarks Min Max RDY setup time tRYHS RDY 45 ns 70 ns fcp = 8 MHz RDY hold time tRYHH 0 ns tRYHH 2.4 V 2.4 V 0.2 VCC 0.2 VCC 0.8 VCC 0.8 VCC CLK ALE RDY wait not applied RDY wait applied (1 cycle) RD/WR tRYHS tRYHS |