| データシートサーチシステム |
|
MB90F482BPF データシート(PDF) 65 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF データシート(HTML) 65 Page - fujitsu semiconductor |
|
65 / 124 page ![]() MB90480B/485B Series DS07-13722-11E 65 13. Watch Timer The watch timer is a 15-bit timer using the sub clock. This circuit can generate interrupts at predetermined intervals. Also a setting is available to enable it to be used as the clock source for the watchdog timer. (1) Register List (2) Block Diagram Watch timer control register (WTC) 0000AAH Read/write Initial value R 0 R/W 0 R/W 0 R/W 1 R/W 0 R/W 0 R/W 0 76 5 4 3 2 1 0 SCE R/W 1 WDCS WTIE WTOF WTR WTC2 WTC1 WTC0 WDCS SCE WTIE WTOF WTR WTC2 WTC1 WTC0 28 29 210 211 212 213 214 210 213 214 215 Sub clock Watch counter Interval selector Interrupt generator circuit Watch timer interrupt To watchdog timer Watch timer control register (WTC) Clear |