| データシートサーチシステム |
|
MB90F482BPF データシート(PDF) 20 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF データシート(HTML) 20 Page - fujitsu semiconductor |
|
20 / 124 page ![]() MB90480B/485B Series 20 DS07-13722-11E (Continued) *2 : In MB90F489B, there is no access to F8 bank and FC bank on the single-chip mode or the internal-ROM external-bus mode. *3 : Because installed-RAM area is larger than MB90V485B, MB90F489B should execute emulation in an area that is larger than 004000H by the emulation memory area setting on the tool side. *4 : In MB90483C, there is no access to F8 bank to FA bank and FC bank on the single-chip mode or the internal- ROM external-bus mode. |