| データシートサーチシステム |
|
MB90F482BPMC データシート(PDF) 39 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPMC データシート(HTML) 39 Page - fujitsu semiconductor |
|
39 / 124 page ![]() MB90480B/485B Series DS07-13722-11E 39 3. Expanded I/O Serial Interface The expanded I/O serial interface is an 8-bit × 1-channel serial I/O interface for clock synchronized data transfer. A selection of LSB-first or MSB-first data transfer is provided. There are two serial I/O operation modes. (1) Register List • Internal shift clock mode : Data transfer is synchronized with the internal clock signal. • External shift clock mode : Data transfer is synchronized with a clock signal input from the external clock signal pin (SCK) . In this mode the general-purpose port that shares the external clock signal pin (SCK) can be used for transfer according to CPU instructions. Serial mode control status register 0/1 (SMCS0, SMCS1) Serial data register 0/1 (SDR0, SDR1) Communication prescaler control register 0/1 (SDCR0, SDCR1) Initial value Address : 000027H 00002BH 00000010B Address : 000026H 00002AH ----0000B Address : 000028H 00002CH XXXXXXXXB Address : 000029H 00002DH 0---0000B 15 14 13 12 11 10 9 8 SMD1 SMD2 SMD0 SIE SIR BUSY STOP STRT R/W R/W R/W R/W R/W R R/W R/W 76 5 4 3 2 1 0 ⎯ ⎯⎯ ⎯ MODE BDS SOE SCOE R/W R/W R/W R/W ⎯ ⎯⎯ ⎯ 76 5 4 3 2 1 0 D6 D7 D5 D4 D3 D2 D1 D0 R/W R/W R/W R/W R/W R/W R/W R/W ⎯⎯ ⎯ R/W R/W R/W R/W 15 14 13 12 11 10 9 8 ⎯ R/W MD ⎯⎯ DIV3 DIV2 DIV1 DIV0 |