| データシートサーチシステム |
|
MB90F482BPMC データシート(PDF) 106 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPMC データシート(HTML) 106 Page - fujitsu semiconductor |
|
106 / 124 page ![]() MB90480B/485B Series 106 DS07-13722-11E Note : The rating of the input data set-up time in the device connected to the bus cannot be satisfied depending on the load capacitance or pull-up resistor. Be sure to adjust the pull-up resistor of SDA and SCL if the rating of the input data set-up time cannot be satisfied. SDA SCL 6 tcp • Note of SDA and SCL set-up time Input data set-up time SDA SCL tBUS tLOW fSCL tHDDAT tHIGH tSUDAT tHDSTA tSUSTA tHDSTA tSUSTO • Timing definition |