データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU941P データシート(PDF) 10 Page - STMicroelectronics

部品番号 BU941P
部品情報  High voltage ignition coil driver NPN power Darlington transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU941P データシート(HTML) 10 Page - STMicroelectronics

Back Button BU941P Datasheet HTML 4Page - STMicroelectronics BU941P Datasheet HTML 5Page - STMicroelectronics BU941P Datasheet HTML 6Page - STMicroelectronics BU941P Datasheet HTML 7Page - STMicroelectronics BU941P Datasheet HTML 8Page - STMicroelectronics BU941P Datasheet HTML 9Page - STMicroelectronics BU941P Datasheet HTML 10Page - STMicroelectronics BU941P Datasheet HTML 11Page - STMicroelectronics BU941P Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
BU941, BU941P
10/12
Dim.
mm.
Min.
Typ
Max.
A4.855.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c0.40
0.80
D19.85
20.15
E
15.45
15.75
e5.45
L
14.20
14.80
L1
3.70
4.30
L2
18.50
øP
3.55
3.65
øR
4.50
5.50
S
5.50
TO-247 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12