| データシートサーチシステム |
|
PCF85322DA データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85322DA データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 44 page ![]() PCF8532_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 10 February 2009 39 of 44 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates The dummy pads are connected to the segments shown (see Table 21) but are not tested. The alignment marks are shown in Table 22. S51 83 1729.7 481.5 S146 182 −2126.7 −481.5 S52 84 1675.7 481.5 S147 183 −2072.7 −481.5 S53 85 1621.7 481.5 S148 184 −2018.7 −481.5 S54 86 1567.7 481.5 S149 185 −1964.7 −481.5 S55 87 1513.7 481.5 S150 186 −1910.7 −481.5 S56 88 1459.7 481.5 S151 187 −1856.7 −481.5 S57 89 1405.7 481.5 S152 188 −1802.7 −481.5 S58 90 1351.7 481.5 S153 189 −1748.7 −481.5 S59 91 1297.7 481.5 S154 190 −1694.7 −481.5 S60 92 1243.7 481.5 S155 191 −1640.7 −481.5 S61 93 1189.7 481.5 S156 192 −1586.7 −481.5 S62 94 1135.7 481.5 S157 193 −1532.7 −481.5 S63 95 1081.7 481.5 S158 194 −1478.7 −481.5 S64 96 1027.7 481.5 S159 195 −1424.7 −481.5 S65 97 973.7 481.5 BP3 196 −1370.7 −481.5 S66 98 858.2 481.5 BP1 197 −1316.7 −481.5 S67 99 804.2 481.5 - - - - Table 21. Dummy pads Symbol Connected to pin X ( µm) Y ( µm) D1 S131 −3079.2 −481.5 D2 S28 3065.9 −481.5 D3 S29 3121.7 481.5 D4 S130 −3094.7 481.5 Table 22. Alignment marks Symbol Size ( µm) X ( µm) Y ( µm) S1 121.5 × 121.5 −2733.75 −47.25 C1 121.5 × 121.5 2603.7 −47.25 Fig 25. Alignment marks Table 20. Pin locations Symbol Pad X ( µm) Y ( µm) Symbol Pad X ( µm) Y ( µm) 001aah849 REF REF C1 S1 |