| データシートサーチシステム |
|
L293D データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L293D データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS Supply Voltage 36 V VSS Logic Supply Voltage 36 V Vi Input Voltage 7 V Ven Enable Voltage 7 V Io Peak Output Current (100 µs non repetitive) 1.2 A Ptot Total Power Dissipation at Tpins = 90 °C4 W Tstg, Tj Storage and Junction Temperature – 40 to 150 °C THERMAL DATA Symbol Decription DIP SO Unit Rth j-pins Thermal Resistance Junction-pins max. – 14 °C/W Rth j-amb Thermal Resistance junction-ambient max. 80 50 (*) °C/W Rth j-case Thermal Resistance Junction-case max. 14 – (*) With 6sq. cm on board heatsink. PIN CONNECTIONS (Top view) SO(12+4+4) Powerdip(12+2+2) L293D - L293DD 2/7 |