データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS331DLFTR データシート(PDF) 35 Page - STMicroelectronics

部品番号 LIS331DLFTR
部品情報  MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DLFTR データシート(HTML) 35 Page - STMicroelectronics

Back Button LIS331DLFTR Datasheet HTML 30Page - STMicroelectronics LIS331DLFTR Datasheet HTML 31Page - STMicroelectronics LIS331DLFTR Datasheet HTML 32Page - STMicroelectronics LIS331DLFTR Datasheet HTML 33Page - STMicroelectronics LIS331DLFTR Datasheet HTML 34Page - STMicroelectronics LIS331DLFTR Datasheet HTML 35Page - STMicroelectronics LIS331DLFTR Datasheet HTML 36Page - STMicroelectronics LIS331DLFTR Datasheet HTML 37Page - STMicroelectronics LIS331DLFTR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LIS331DLF
Register description
Doc ID 15101 Rev 4
35/38
7.20
INT2_DURATION (37h)
D6 - D0 bits set the minimum duration of the Interrupt 2 event to be recognized. Duration
time steps and maximum values depend on the ODR chosen.
Table 52.
INT2_DURATION register
0
D6D5D4
D3
D2D1
D0
Table 53.
INT2_DURATION description
D6 - D0
Duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38