| データシートサーチシステム |
|
82551QM データシート(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82551QM データシート(HTML) 21 Page - Intel Corporation |
|
21 / 120 page ![]() Networking Silicon — 82551QM Datasheet 15 5.0 Media Access Control Functional Description 5.1 Device Initialization The 82551QM has six sources for initialization. They are listed according to their precedence: 1. Internal Power-on Reset (POR) 2. ALTRST# pin 3. RST# pin 4. ISOLATE# pin 5. Software Reset (Software Command) 6. Selective Reset (Software Command) 5.1.1 Initialization Effects The following table lists the effect of each of the different initialization sources on major portions of the 82551QM. The initialization sources are listed in order of precedence. For example, any resource that is initialized by the software reset is also initialized by the D3 to D0 transition and ALTRST# and RST# but not necessarily by the selective reset. Table 11. Initialization Effects Internal POR ALTRST# RST# ISOLATE# D3 to D0 Transition Software Reset Selective Reset EEPROM read and initialization ?? ?? -- -- -- Loadable microcode decoded/reset ?? ?? ?? -- MAC configuration reset and multicast hash ?? ?? ?? -- Memory pointers and mircomachine state reset ?? ?? ??? PCI Configuration register reset ?? ?? ? -- -- PHY configuration reset ?? ? -- -- -- -- |