データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9843 データシート(PDF) 47 Page - Microchip Technology

部品番号 MCP9843
部品情報  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9843 データシート(HTML) 47 Page - Microchip Technology

Back Button MCP9843 Datasheet HTML 43Page - Microchip Technology MCP9843 Datasheet HTML 44Page - Microchip Technology MCP9843 Datasheet HTML 45Page - Microchip Technology MCP9843 Datasheet HTML 46Page - Microchip Technology MCP9843 Datasheet HTML 47Page - Microchip Technology MCP9843 Datasheet HTML 48Page - Microchip Technology MCP9843 Datasheet HTML 49Page - Microchip Technology MCP9843 Datasheet HTML 50Page - Microchip Technology MCP9843 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153C-page 47
MCP9843/98243
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead 2x3x0.9 DFN
Example
:
8-Lead TSSOP
Example:
XXXX
XYWW
NNN
243B
E944
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead 2x3x0.75 TDFN
Example
:
8-Lead 2x3x0.5 UDFN
Example
:
XXX
YWW
NN
ABZ
944
25
XXX
YWW
NN
AAG
944
25
XXX
YWW
NN
AAA
944
25
Part Number
Code
MCP9843-BE/MC
AGK
MCP9843T-BE/MC
AGK
MCP98243-BE/MC
ABZ
MCP98243T-BE/MC
ABZ
Part Number
Code
MCP9843T-BE/MNY
AAK
MCP98243T-BE/MNY
AAG
Part Number
Code
MCP98243T-BE/MUY
AAA
Part Number
Code
MCP9843-BE/ST
05AB
MCP9843T-BE/ST
05AB
MCP98243-BE/ST
243B
MCP98243T-BE/ST
243B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62