| データシートサーチシステム |
|
PIC24FJ16GA データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ16GA データシート(HTML) 13 Page - Microchip Technology |
|
13 / 262 page ![]() © 2008 Microchip Technology Inc. Preliminary DS39881C-page 11 PIC24FJ64GA004 FAMILY TABLE 1-2: PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS Function Pin Number I/O Input Buffer Description 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN 44-Pin QFN/TQFP AN0 2 27 19 I ANA A/D Analog Inputs. AN1 3 28 20 I ANA AN2 4 1 21 I ANA AN3 5 2 22 I ANA AN4 6 3 23 I ANA AN5 7 4 24 I ANA AN6 — — 25 I ANA AN7 — — 26 I ANA AN8 — — 27 I ANA AN9 26 23 15 I ANA AN10 25 22 14 I ANA AN11 24 21 11 I ANA AN12 23 20 10 I ANA ASCL1 15 12 42 I/O I2C Alternate I2C1 Synchronous Serial Clock Input/Output.(1) ASDA1 14 11 41 I/O I2C Alternate I2C2 Synchronous Serial Clock Input/Output. (1) AVDD — — 17 P — Positive Supply for Analog Modules. AVSS — — 16 P — Ground Reference for Analog Modules. C1IN- 6 3 23 I ANA Comparator 1 Negative Input. C1IN+ 7 4 24 I ANA Comparator 1 Positive Input. C2IN- 4 1 21 I ANA Comparator 2 Negative Input. C2IN+ 5 2 22 I ANA Comparator 2 Positive Input. CLKI 9 6 30 I ANA Main Clock Input Connection. CLKO 10 7 31 O — System Clock Output. Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |