データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUS010 データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 STUS010
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUS010 データシート(HTML) 2 Page - EIC discrete Semiconductors

  STUS010 Datasheet HTML 1Page - EIC discrete Semiconductors STUS010 Datasheet HTML 2Page - EIC discrete Semiconductors STUS010 Datasheet HTML 3Page - EIC discrete Semiconductors STUS010 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
STUS06H
6.40
7.3
10
5.0
600
52.0
9.6
5.0
STUS56H
6.40
7.0
10
5.0
600
54.3
9.2
5.0
STUS07A
6.67
8.15
10
6.0
600
43.9
11.4
5.0
STUS57A
6.67
7.37
10
6.0
600
48.5
10.3
5.0
STUS07G
7.22
8.82
10
6.5
400
40.7
12.3
5.0
STUS57G
7.22
7.98
10
6.5
400
44.7
11.2
5.0
STUS08C
7.78
9.51
10
7.0
150
37.8
13.3
6.0
STUS58C
7.78
8.60
10
7.0
150
41.7
12.0
6.0
STUS08I
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
STUS58I
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
STUS09B
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
STUS59B
8.89
9.30
1.0
8.0
25
36.7
13.6
7.0
STUS010
9.44
11.5
1.0
8.5
5.0
31.4
15.9
8.0
STUS510
9.44
10.4
1.0
8.5
5.0
34.7
14.4
8.0
STUS011
10.0
12.2
1.0
9.0
1.0
29.5
16.9
9.0
STUS511
10.0
11.1
1.0
9.0
1.0
32.5
15.4
9.0
STUS012
11.1
13.6
1.0
10.0
1.0
26.6
18.8
10.0
STUS512
11.1
12.3
1.0
10.0
1.0
29.4
17.0
10.0
STUS013
12.2
14.9
1.0
11.0
1.0
24.9
20.1
11.0
STUS513
12.2
13.5
1.0
11.0
1.0
27.4
18.2
11.0
STUS014
13.3
16.3
1.0
12.0
1.0
22.7
22.0
12.0
STUS514
13.3
14.7
1.0
12.0
1.0
25.1
19.9
12.0
STUS015
14.4
17.6
1.0
13.0
1.0
21.0
23.8
13.0
STUS515
14.4
15.9
1.0
13.0
1.0
23.2
21.5
13.0
STUS016
15.6
19.1
1.0
14.0
1.0
19.4
25.8
14.0
STUS516
15.6
17.2
1.0
14.0
1.0
21.5
23.2
14.0
STUS018
16.7
20.4
1.0
15.0
1.0
18.8
26.9
16.0
STUS518
16.7
18.5
1.0
15.0
1.0
20.6
24.4
16.0
STUS019
17.8
21.8
1.0
16.0
1.0
17.6
28.8
19.0
STUS519
17.8
19.7
1.0
16.0
1.0
19.2
26.0
17.0
STUS020
18.9
23.1
1.0
17.0
1.0
16.4
30.5
20.0
STUS520
18.9
20.9
1.0
17.0
1.0
18.1
27.6
19.0
STUS021
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
STUS521
20.0
22.1
1.0
18.0
1.0
17.2
29.2
20.0
STUS023
22.2
27.1
1.0
20.0
1.0
13.9
35.8
25.0
STUS523
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
STUS026
24.4
29.8
1.0
22.0
1.0
12.7
39.4
28.0
STUS526
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
STUS028
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
STUS528
26.7
29.5
1.0
24.0
1.0
12.8
38.9
28.0
STUS030
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
STUS530
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
STUS033
31.1
38.0
1.0
28.0
1.0
9.9
50.0
35.0
STUS533
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
STUS035
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
STUS535
33.3
36.8
1.0
30.0
1.0
10.3
48.4
36.0
STUS039
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
STUS539
36.7
40.6
1.0
33.0
1.0
9.4
53.3
39.0
Page 2 of 4
Rev. 02 : March 25, 2005



Html Pages

1 2 3 4