データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7805 データシート(PDF) 36 Page - STMicroelectronics

部品番号 L7805
部品情報  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805 データシート(HTML) 36 Page - STMicroelectronics

Back Button L7805 Datasheet HTML 32Page - STMicroelectronics L7805 Datasheet HTML 33Page - STMicroelectronics L7805 Datasheet HTML 34Page - STMicroelectronics L7805 Datasheet HTML 35Page - STMicroelectronics L7805 Datasheet HTML 36Page - STMicroelectronics L7805 Datasheet HTML 37Page - STMicroelectronics L7805 Datasheet HTML 38Page - STMicroelectronics L7805 Datasheet HTML 39Page - STMicroelectronics L7805 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Application information
L78xx, L78xxC, L78xxAB, L78xxAC
36/56
Doc ID 2143 Rev 22
Note:
Application with high capacitance loads and an output voltage greater than 6 volts need an
external diode (see Figure 23 on page 34) to protect the device against input short circuit. In
this case the input voltage falls rapidly while the output voltage decrease slowly. The
capacitance discharges by means of the base-emitter junction of the series pass transistor
in the regulator. If the energy is sufficiently high, the transistor may be destroyed. The
external diode by-passes the current from the IC to ground.
Figure 28.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56