| データシートサーチシステム |
|
M95128-DW3TG/P データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-DW3TG/P データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 44 page ![]() M95128, M95128-W, M95128-R DC and AC parameters Doc ID 5798 Rev 13 29/44 VOH Output high voltage VCC = 2.5 V and IOH = –0.4 mA or VCC = 5 V and IOH = –2 mA 0.8 VCC V VRES (2) Internal reset threshold voltage 1.0 1.65 V 1. Characterized value, not tested in production. 2. Characterized only, not 100% tested. Table 15. DC characteristics (M95128-R) Symbol Parameter Test condition(1) 1. If the application uses the M95128-R device with 2.5 V < VCC < 5.5 V and –40 °C < TA < +85 °C, please refer to Table 17: AC characteristics (M95128-W, device grade 6) instead of the above table. Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, voltage applied on Q = VSS or VCC ± 2 µA ICCR Supply current (Read) VCC = 1.8 V, C = 0.1 VCC or 0.9VCC, fC = 2 MHz, Q = open 1mA VCC = 2.5 V, C = 0.1 VCC or 0.9VCC, fC = 2 MHz, Q = open 3mA ICC1 Supply current (Standby) VCC = 5.0 V, S = VCC, VIN = VSS or VCC 5µA VCC = 2.5 V, S = VCC, VIN = VSS or VCC 3µA VCC = 1.8 V, S = VCC, VIN = VSS or VCC 3µA VIL Input low voltage 2.5V < VCC < 5.5V –0.45 0.3VCC V 1.8V < VCC < 2.5V –0.45 0.25VCC V VIH Input high voltage 2.5V < VCC < 5.5V 0.7VCC VCC+1 V 1.8V < VCC < 2.5V 0.75VCC VCC+1 V VOL Output low voltage VCC = 2.5 V, IOL = 1.5 mA or VCC = 5.5 V, IOL = 2 mA 0.2VCC V VCC = 1.8 V, IOL = 0.15 mA 0.3 V V OH Output high voltage VCC = 2.5 V, IOH = –0.4 mA, or VCC = 5.5 V, IOH = –2 mA, or VCC = 1.8 V, IOH = –0.1 mA 0.8VCC V VRES (2) 2. Characterized only, not 100% tested. Internal reset threshold voltage 1.0 1.65 V Table 14. DC characteristics (M95128-W, device grade 3) Symbol Parameter Test condition Min. Max. Unit |