データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUB062 データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 STUB062
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUB062 データシート(HTML) 2 Page - EIC discrete Semiconductors

  STUB062 Datasheet HTML 1Page - EIC discrete Semiconductors STUB062 Datasheet HTML 2Page - EIC discrete Semiconductors STUB062 Datasheet HTML 3Page - EIC discrete Semiconductors STUB062 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STUB06I
6.45
7.48
10
5.80
1000
38.0
10.5
0.057
STUB56I
6.45
7.14
10
5.80
1000
38.0
10.5
0.057
STUB07F
7.13
8.25
10
6.40
500
35.4
11.3
0.061
STUB57F
7.13
7.88
10
6.40
500
35.4
11.3
0.061
STUB08C
7.79
9.02
10
7.02
200
33.0
12.1
0.065
STUB58C
7.79
8.61
10
7.02
200
33.0
12.1
0.065
STUB09B
8.65
10.0
1.0
7.78
50
30.0
13.4
0.068
STUB59B
8.65
9.55
1.0
7.78
50
30.0
13.4
0.068
STUB010
9.50
11.0
1.0
8.55
10
27.6
14.5
0.073
STUB510
9.50
10.5
1.0
8.55
10
27.6
14.5
0.073
STUB011
10.5
12.1
1.0
9.40
5.0
25.7
15.6
0.075
STUB511
10.5
11.6
1.0
9.40
5.0
25.7
15.6
0.075
STUB012
11.4
13.2
1.0
10.2
5.0
24.0
16.7
0.078
STUB512
11.4
12.6
1.0
10.2
5.0
24.0
16.7
0.078
STUB013
12.4
14.3
1.0
11.1
5.0
22.0
18.2
0.081
STUB513
12.4
13.7
1.0
11.1
5.0
22.0
18.2
0.081
STUB015
14.3
16.5
1.0
12.8
5.0
19.0
21.2
0.084
STUB515
14.3
15.8
1.0
12.8
5.0
19.0
21.2
0.084
STUB016
15.2
17.6
1.0
13.6
5.0
17.8
22.5
0.086
STUB516
15.2
16.8
1.0
13.6
5.0
17.8
22.5
0.086
STUB018
17.1
19.8
1.0
15.3
5.0
16.0
25.2
0.088
STUB518
17.1
18.9
1.0
15.3
5.0
16.0
25.2
0.088
STUB020
19.0
22.0
1.0
17.1
5.0
14.5
27.7
0.090
STUB520
19.0
21.0
1.0
17.1
5.0
14.5
27.7
0.090
STUB022
20.9
24.2
1.0
18.8
5.0
13.0
30.6
0.092
STUB522
20.9
23.1
1.0
18.8
5.0
13.0
30.6
0.092
STUB024
22.8
26.4
1.0
20.5
5.0
12.0
33.2
0.094
STUB524
22.8
25.2
1.0
20.5
5.0
12.0
33.2
0.094
STUB027
25.7
29.7
1.0
23.1
5.0
10.7
37.5
0.096
STUB527
25.7
28.4
1.0
23.1
5.0
10.7
37.5
0.096
STUB030
28.5
33.0
1.0
25.6
5.0
9.6
41.5
0.097
STUB530
28.5
31.5
1.0
25.6
5.0
9.6
41.5
0.097
STUB033
31.4
36.3
1.0
28.2
5.0
8.8
45.7
0.098
STUB533
31.4
34.7
1.0
28.2
5.0
8.8
45.7
0.098
STUB036
34.2
39.6
1.0
30.8
5.0
8.0
49.9
0.099
STUB536
34.2
37.8
1.0
30.8
5.0
8.0
49.9
0.099
STUB039
37.1
42.9
1.0
33.3
5.0
7.4
53.9
0.100
STUB539
37.1
41.0
1.0
33.3
5.0
7.4
53.9
0.100
STUB043
40.9
47.3
1.0
36.8
5.0
6.7
59.3
0.101
STUB543
40.9
45.2
1.0
36.8
5.0
6.7
59.3
0.101
STUB047
44.7
51.7
1.0
40.2
5.0
6.2
64.8
0.101
STUB547
44.7
49.4
1.0
40.2
5.0
6.2
64.8
0.101
STUB051
48.5
56.1
1.0
43.6
5.0
5.7
70.1
0.102
STUB551
48.5
53.6
1.0
43.6
5.0
5.7
70.1
0.102
STUB056
53.2
61.6
1.0
47.8
5.0
5.2
77.0
0.103
STUB556
53.2
58.8
1.0
47.8
5.0
5.2
77.0
0.103
STUB062
58.9
68.2
1.0
53.0
5.0
4.7
85.0
0.104
STUB562
58.9
65.1
1.0
53.0
5.0
4.7
85.0
0.104
Page 2 of 4
Rev. 02 : March 25, 2005



Html Pages

1 2 3 4