データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VND10N06 データシート(PDF) 20 Page - STMicroelectronics

部品番号 VND10N06
部品情報  fully autoprotected Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10N06 データシート(HTML) 20 Page - STMicroelectronics

Back Button VND10N06 Datasheet HTML 16Page - STMicroelectronics VND10N06 Datasheet HTML 17Page - STMicroelectronics VND10N06 Datasheet HTML 18Page - STMicroelectronics VND10N06 Datasheet HTML 19Page - STMicroelectronics VND10N06 Datasheet HTML 20Page - STMicroelectronics VND10N06 Datasheet HTML 21Page - STMicroelectronics VND10N06 Datasheet HTML 22Page - STMicroelectronics VND10N06 Datasheet HTML 23Page - STMicroelectronics VND10N06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package and packing information
VND10N06 / VND10N06-1
20/25
5.3
IPAK mechanical data
Figure 29.
IPAK mechanical data and package outline
Table 11.
IPAK mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A2.2
2.4
A1
0.9
1.1
A3
0.7
1.3
B
0.64
0.9
B2
5.2
5.4
B3
0.85
B5
0.3
B6
0.95
C
0.45
0.6
C2
0.48
0.6
D6
6.2
E6.4
6.6
G4.4
4.6
H
15.9
16.3
L9
9.4
L1
0.8
1.2
L2
0.8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25