データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD8XXFX データシート(PDF) 29 Page - STMicroelectronics

部品番号 PSD8XXFX
部品情報  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX データシート(HTML) 29 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 25Page - STMicroelectronics PSD8XXFX Datasheet HTML 26Page - STMicroelectronics PSD8XXFX Datasheet HTML 27Page - STMicroelectronics PSD8XXFX Datasheet HTML 28Page - STMicroelectronics PSD8XXFX Datasheet HTML 29Page - STMicroelectronics PSD8XXFX Datasheet HTML 30Page - STMicroelectronics PSD8XXFX Datasheet HTML 31Page - STMicroelectronics PSD8XXFX Datasheet HTML 32Page - STMicroelectronics PSD8XXFX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
PSD8XXFX
Detailed operation
Doc ID 7833 Rev 7
29/128
8.
The MCU cannot invoke these instructions while executing code from the same Flash memory as that for which the
instruction is intended. The MCU must fetch, for example, the code from the secondary Flash memory when reading the
Sector Protection Status of the primary Flash memory.
9.
Additional sectors to be erased must be written at the end of the Sector Erase instruction within 80 µs.
10. The system may perform READ and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protection
Status when in the Suspend Sector Erase mode. The Suspend Sector Erase instruction is valid only during a Sector Erase
cycle.
11. The Resume Sector Erase instruction is valid only during the Suspend Sector Erase mode.
12. The Unlock Bypass instruction is required prior to the Unlock Bypass Program instruction.
13. The Unlock Bypass Reset Flash instruction is required to return to reading memory data when the device is in the Unlock
Bypass mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More