| データシートサーチシステム |
|
PSD4235G2-12UT データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2-12UT データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 124 page ![]() PSD4235G2V Development system 21/124 Figure 4. PSDsoft Express development tool Merge MCU Firmware with PSD Configuration PSD Programmer *.OBJ FILE PSDPro, or FlashLINK (JTAG) A composite object file is created containing MCU firmware and PSD configuration C Code Generation GENERATE C CODE SPECIFIC TO PSD FUNCTIONS USER'S CHOICE OF MICROCONTROLLER COMPILER/LINKER *.OBJ FILE AVAILABLE FOR 3rd PARTY PROGRAMMERS (CONVENTIONAL or JTAG-ISC) MCU FIRMWARE HEX OR S-RECORD FORMAT AI04919 Define General Purpose Logic in CPLD Point and click definition of combin- atorial and registered logic in CPLD. Access HDL is available if needed Define PSD Pin and Node Functions Point and click definition of PSD pin functions, internal nodes, and MCU system memory map Choose MCU and PSD Automatically configures MCU bus interface and other PSD attributes |