データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

347 データシート(PDF) 2 Page - Intel Corporation

部品番号 347
部品情報  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

347 データシート(HTML) 2 Page - Intel Corporation

  347 Datasheet HTML 1Page - Intel Corporation 347 Datasheet HTML 2Page - Intel Corporation 347 Datasheet HTML 3Page - Intel Corporation 347 Datasheet HTML 4Page - Intel Corporation 347 Datasheet HTML 5Page - Intel Corporation 347 Datasheet HTML 6Page - Intel Corporation 347 Datasheet HTML 7Page - Intel Corporation 347 Datasheet HTML 8Page - Intel Corporation 347 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
2
Datasheet
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR
OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL'S TERMS AND CONDITIONS
OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING
TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE,
MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. INTEL PRODUCTS ARE NOT
INTENDED FOR USE IN MEDICAL, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS.
Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
The Intel® Celeron® D processor 300 sequence on 65 nm process may contain design defects or errors known as errata which may cause the product to
deviate from published specifications.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
ΔIntel processor numbers are not a measure of performance. Processor numbers differentiate features within each processor family, not across different
processor families. Over time processor numbers will increment based on changes in clock speed, cache, FSB, or other features, and increments are not
intended to represent proportional or quantitative increases in any particular feature. Current roadmap processor number progression is not necessarily
representative of future roadmaps. See http://www.intel.com/products/processor_number for details.
Intel® 64 requires a computer system with a processor, chipset, BIOS, operating system, device drivers, and applications enabled for Intel 64. Processor
will not operate (including 32-bit operation) without an Intel 64-enabled BIOS. Performance will vary depending on your hardware and software
configurations. See http://www.intel.com/technology/intel64/index.htm for more information including details on which processors support Intel 64, or
consult with your system vendor for more information.
Enabling Execute Disable Bit functionality requires a PC with a processor with Execute Disable Bit capability and a supporting operating system. Check
with your PC manufacturer on whether your system delivers Execute Disable Bit functionality.
Intel, Pentium, Celeron, and the Intel logo are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the United States and other
countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2006–2007 Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95