| データシートサーチシステム |
|
440 データシート(PDF) 61 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
440 データシート(HTML) 61 Page - Intel Corporation |
|
61 / 71 page ![]() Datasheet 61 Package Mechanical Specifications and Pin Information SLP# Input SLP# (Sleep), when asserted in Stop-Grant state, causes the processor to enter the Sleep state. During Sleep state, the processor stops providing internal clock signals to all units, leaving only the Phase-Locked Loop (PLL) still operating. Processors in this state will not recognize snoops or interrupts. The processor will recognize only assertion of the RESET# signal, deassertion of SLP#, and removal of the BCLK input while in Sleep state. If SLP# is deasserted, the processor exits Sleep state and returns to Stop-Grant state, restarting its internal clock signals to the bus and processor core units. If DPSLP# is asserted while in the Sleep state, the processor will exit the Sleep state and transition to the Deep Sleep state. SMI# Input SMI# (System Management Interrupt) is asserted asynchronously by system logic. On accepting a System Management Interrupt, the processor saves the current state and enter System Management Mode (SMM). An SMI Acknowledge transaction is issued, and the processor begins program execution from the SMM handler. If SMI# is asserted during the deassertion of RESET# the processor will tristate its outputs. STPCLK# Input STPCLK# (Stop Clock), when asserted, causes the processor to enter a low power Stop-Grant state. The processor issues a Stop- Grant Acknowledge transaction, and stops providing internal clock signals to all processor core units except the FSB and APIC units. The processor continues to snoop bus transactions and service interrupts while in Stop-Grant state. When STPCLK# is deasserted, the processor restarts its internal clock to all units and resumes execution. The assertion of STPCLK# has no effect on the bus clock; STPCLK# is an asynchronous input. TCK Input TCK (Test Clock) provides the clock input for the processor Test Bus (also known as the Test Access Port). Please contact your Intel representative for termination requirements and implementation details. TDI Input TDI (Test Data In) transfers serial test data into the processor. TDI provides the serial input needed for JTAG specification support. Please contact your Intel representative for termination requirements and implementation details. TDO Output TDO (Test Data Out) transfers serial test data out of the processor. TDO provides the serial output needed for JTAG specification support. Please contact your Intel representative for termination requirements and implementation details. TEST1 Input TEST1 must have a stuffing option of separate pull-down resistor to V SS. Please contact your Intel representative for more detailed information. TEST2 Input TEST2 must have a 51-Ω ±5% pull-down resistor to V SS. Please contact your Intel representative for more detailed information. THERMDA Other Thermal Diode Anode. THERMDC Other Thermal Diode Cathode. Table 15. Signal Description (Sheet 7 of 8) Name Type Description |