| データシートサーチシステム |
|
430 データシート(PDF) 53 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
430 データシート(HTML) 53 Page - Intel Corporation |
|
53 / 71 page ![]() Datasheet 53 Package Mechanical Specifications and Pin Information P1 A[15]# Source Synch Input/ Output P2 A[12]# Source Synch Input/ Output P3 VSS Power/Other P4 A[14]# Source Synch Input/ Output P5 A[11]# Source Synch Input/ Output P6 VSS Power/Other P21 VSS Power/Other P22 D[25]# Source Synch Input/ Output P23 D[26]# Source Synch Input/ Output P24 VSS Power/Other P25 D[24]# Source Synch Input/ Output P26 D[18]# Source Synch Input/ Output R1 A[16]# Source Synch Input/ Output R2 VSS Power/Other R3 A[19]# Source Synch Input/ Output R4 A[24]# Source Synch Input/ Output R5 VSS Power/Other R6 VCCP Power/Other R21 VCCP Power/Other R22 VSS Power/Other R23 D[19]# Source Synch Input/ Output R24 D[28]# Source Synch Input/ Output R25 VSS Power/Other R26 COMP[0] Power/Other Input/ Output T1 VSS Power/Other T2 RSVD Reserved T3 A[26]# Source Synch Input/ Output Table 14. Pin Listing by Pin Number Pin Number Pin Name Signal Buffer Type Direction T4 VSS Power/Other T5 A[25]# Source Synch Input/ Output T6 VCCP Power/Other T21 VCCP Power/Other T22 RSVD Reserved T23 VSS Power/Other T24 D[27]# Source Synch Input/ Output T25 D[30]# Source Synch Input/ Output T26 VSS Power/Other U1 COMP[2] Power/Other Input/ Output U2 A[23]# Source Synch Input/ Output U3 VSS Power/Other U4 A[21]# Source Synch Input/ Output U5 A[18]# Source Synch Input/ Output U6 VSS Power/Other U21 VSS Power/Other U22 D[39]# Source Synch Input/ Output U23 D[37]# Source Synch Input/ Output U24 VSS Power/Other U25 D[38]# Source Synch Input/ Output U26 COMP[1] Power/Other Input/ Output V1 COMP[3] Power/Other Input/ Output V2 VSS Power/Other V3 RSVD Reserved V4 ADSTB[1]# Source Synch Input/ Output V5 VSS Power/Other V6 VCCP Power/Other V21 VCCP Power/Other Table 14. Pin Listing by Pin Number Pin Number Pin Name Signal Buffer Type Direction |