| データシートサーチシステム |
|
M95080-RMN6G/G データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RMN6G/G データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 50 page ![]() M95160-x, M95080-x Part numbering Doc ID 8028 Rev 10 45/50 11 Part numbering Table 32. Ordering information scheme Example: M95160 – W MN 6 T P /S Device type M95 = SPI serial access EEPROM Device function 160 = 16 Kbit (2048 x 8) 080 = 8 Kbit (1024 x 8) Operating voltage blank = VCC = 4.5 to 5.5 V W = VCC = 2.5 to 5.5 V R = VCC = 1.8 to 5.5 V F = VCC = 1.7 to 5.5 V Package MN = SO8 (150 mil width) DW = TSSOP8 MB = MLP8 (UFDFPN8) CS = WLCSP(1) 1. Preliminary data. Device grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow 3 = Device tested with high reliability certified flow(2). Automotive temperature range (–40 to 125 °C) 2. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. Option blank = Standard packing T = Tape and reel packing Plating technology G or P = ECOPACK® (RoHS compliant) Process(3) 3. The Process letter (/G or /S) applies only to Range 3 devices. For Range 6 devices, the process letters do not appear in the Ordering Information but only appear on the device package (marking) and on the shipment box. Please contact your nearest ST Sales Office. For more information on how to identify products by the Process Identification Letter, please refer to AN2043: Serial EEPROM Device Marking. /G or /S = F6SP36% |