データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4627 データシート(PDF) 2 Page - Linear Technology

部品番号 LTM4627
部品情報  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 データシート(HTML) 2 Page - Linear Technology

  LTM4627 Datasheet HTML 1Page - Linear Technology LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4627
2
4627f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 22V
INTVCC, VOUT (VOUT ≤ 3.3V with
DIFF AMP), VOUT_LCL, PGOOD, EXTVCC....... –0.3V to 6V
MODE_PLLIN, fSET, TRACK/SS,
VOSNS–, VOSNS+, DIFF_OUT...................–0.3V to INTVCC
COMP, VFB ................................................ –0.3V to 2.7V
RUN (Note 5) ............................................... –0.3V to 5V
INTVCC Peak Output Current (Note 6)..................100mA
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Reflow (Peak Body) Temperature.......................... 250°C
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
20
V
VOUT(DC)
Output Voltage, Total
Variation with Line and Load
CIN = 22μF × 3
COUT = 100μF Ceramic, 470μF POSCAP
RFB = 40.2k, MODE_PLLIN = GND
VIN = 5V to 20V, IOUT = 0A to 15A (Note 4)
l
1.477
1.50
1.523
V
Input Specifications
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.25
1.4
V
VRUNHYS
RUN Pin On Hysteresis
130
mV
The
l denotes the specifications which apply over the full internal operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per the typical application in Figure 18.
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4627EV#PBF
LTM4627EV#PBF
LTM4627V
133-Lead (15mm
× 15mm × 4.32mm) LGA
–40°C to 125°C
LTM4627IV#PBF
LTM4627IV#PBF
LTM4627V
133-Lead (15mm
× 15mm × 4.32mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
LGA PACKAGE
133-LEAD (15mm
15mm
4.32mm)
VIN
12345678
10
911
12
B
C
D
E
F
G
H
J
K
L
A
M
INTVCC
fSET
COMP
TRACK/SS
MODE_PLLIN
INTVCC
TOP VIEW
SGND
VOUT
VIN
GND
VOUT
EXTVCC
VFB
PGOOD
PGOOD
RUN
VOSNS
+
DIFF_OUT
VOUT_LCL
VOSNS
–
TJ(MAX) = 125°C, θJA = 13°C/W, θJCbottom = 2.3°C/W, θJCtop = 11°C/W to 13°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS; WEIGHT = 2.6g
θ VALUES DETERMINED PER JESD51-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com