| データシートサーチシステム |
|
D915GAV データシート(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
D915GAV データシート(HTML) 21 Page - Intel Corporation |
|
21 / 106 page ![]() Product Description 21 Table 7 lists the supported DIMM configurations. Table 7. Supported Memory Configurations DIMM Capacity Configuration SDRAM Density SDRAM Organization Front-side/Back-side Number of SDRAM Devices 128 MB SS 256 Mbit 16 M x 16/empty 4 256 MB SS 256 Mbit 32 M x 8/empty 8 256 MB SS 512 Mbit 32 M x 16/empty 4 512 MB DS 256 Mbit 32 M x 8/32 M x 8 16 512 MB SS 512 Mbit 64 M x 8/empty 8 512 MB SS 1 Gbit 64 M x 16/empty 4 1024 MB DS 512 Mbit 64 M x 8/64 M x 8 16 1024 MB SS 1 Gbit 128 M x 8/empty 8 2048 MB DS 1 Gbit 128 M x 8/128 M x 8 16 Note: In the second column, “DS” refers to double-sided memory modules (containing two rows of SDRAM) and “SS” refers to single-sided memory modules (containing one row of SDRAM). INTEGRATOR’S NOTE It is possible to install four 2048 MB (2 GB) modules for a total of 8 GB of system memory, however, only 4 GB of address space is available. Refer to Section 2.2.1, on page 55 for additional information on available memory. |