データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST87YSS6F データシート(PDF) 8 Page - STMicroelectronics

部品番号 M41ST87YSS6F
部品情報  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F データシート(HTML) 8 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 4Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 5Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 6Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 7Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 8Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 9Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 10Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 11Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Description
M41ST87Y, M41ST87W
8/52
Doc ID 9497 Rev 8
Figure 2.
28-pin, 300 mil SOIC (MX) connections
Note:
No function (NF) and no connect (NC) pins should be tied to VSS. Pins 1, 2, 3, and 4 are
internally shorted together.
Figure 3.
20-pin, SSOP (SS) connections
Note:
No connect (NC) pin should be tied to VSS.
AI07025b
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
PFI2
NF
NC
SQW/FT
WDI
NF
NC
IRQ/OUT
F32k
VOUT
TP1IN
EX
PFI1
SCL
TPCLR
PFO1
ECON
VSS
VBAT
TP2IN
SDA
RST
NF
NF
VCC
M41ST87Y
M41ST87W
PFO2
AI07025c
8
2
3
4
5
6
7
9
10
14
13
12
11
20
19
18
17
16
15
1
RSTIN1
X2
SQW/FT
PFI2
IRQ/OUT
F32k
VOUT
TP1IN
PFI1
SCL
NC
PFO1
VSS
VBAT
TP2IN
SDA
RST
X1
VCC
M41ST87Y
M41ST87W
PFO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52