| データシートサーチシステム |
|
STM809 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM809 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() STM809/810/811/812 DC and AC parameters Doc ID 9873 Rev 5 13/21 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the measurement conditions summarized in Table 4.. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 4. Operating and AC measurement conditions Figure 13. AC testing input/output waveforms Figure 14. MR timing waveform 1. RST for STM810/812 Parameter STM809/810/811/812 Unit VCC supply voltage 1.0 to 5.5 V Ambient operating temperature (TA) –40 to 85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI07837a RST (1) MR tMLRL trec tMLMH |