データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM706T データシート(PDF) 23 Page - STMicroelectronics

部品番号 STM706T
部品情報  3 V supervisor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T データシート(HTML) 23 Page - STMicroelectronics

Back Button STM706T_10 Datasheet HTML 19Page - STMicroelectronics STM706T_10 Datasheet HTML 20Page - STMicroelectronics STM706T_10 Datasheet HTML 21Page - STMicroelectronics STM706T_10 Datasheet HTML 22Page - STMicroelectronics STM706T_10 Datasheet HTML 23Page - STMicroelectronics STM706T_10 Datasheet HTML 24Page - STMicroelectronics STM706T_10 Datasheet HTML 25Page - STMicroelectronics STM706T_10 Datasheet HTML 26Page - STMicroelectronics STM706T_10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
STM706T/S/R, STM706P, STM708T/S/R
DC and AC parameters
Doc ID 10518 Rev 10
23/33
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 5, operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 25.
AC testing input/output waveforms
Figure 26.
Power-fail comparator waveform
Table 5.
Operating and AC measurement conditions
Parameter
STM70x
Unit
VCC supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤ 5
ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
AI02568
0.8 V CC
0.2 V CC
0.7 V CC
0.3 V CC
AI08860a
VCC
VRST
trec
RST
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33