データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM705 データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM705
部品情報  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705 データシート(HTML) 13 Page - STMicroelectronics

Back Button STM705 Datasheet HTML 9Page - STMicroelectronics STM705 Datasheet HTML 10Page - STMicroelectronics STM705 Datasheet HTML 11Page - STMicroelectronics STM705 Datasheet HTML 12Page - STMicroelectronics STM705 Datasheet HTML 13Page - STMicroelectronics STM705 Datasheet HTML 14Page - STMicroelectronics STM705 Datasheet HTML 15Page - STMicroelectronics STM705 Datasheet HTML 16Page - STMicroelectronics STM705 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
STM705, STM706, STM707, STM708, STM813L
Operation
Doc ID 10520 Rev 9
13/33
3.7
Interfacing to microprocessors with bidirectional reset pins
Microprocessors with bidirectional reset pins can contend with the STM705-708 reset
output. For example, if the reset output is driven high and the micro wants to pull it low,
signal contention will result. To prevent this from occurring, connect a 4.7 k
Ω resistor
between the reset output and the micro's reset I/O as in Figure 11.
Figure 11.
Interfacing to microprocessors with bidirectional reset I/O
AI08836
STMXXX
RST
GND
4.7 k
VCC
Microprocessor
RST
Buffered reset to other
system components
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32