| データシートサーチシステム |
|
STM706M6E データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706M6E データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() STM705, STM706, STM707, STM708, STM813L Operation Doc ID 10520 Rev 9 13/33 3.7 Interfacing to microprocessors with bidirectional reset pins Microprocessors with bidirectional reset pins can contend with the STM705-708 reset output. For example, if the reset output is driven high and the micro wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7 k Ω resistor between the reset output and the micro's reset I/O as in Figure 11. Figure 11. Interfacing to microprocessors with bidirectional reset I/O AI08836 STMXXX RST GND 4.7 k VCC Microprocessor RST Buffered reset to other system components GND VCC |