データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LNB1Y0 データシート(PDF) 7 Page - STMicroelectronics

部品番号 ST7LNB1Y0
部品情報  DiSEqC??slave microcontroller for SaTCR based LNBs and switchers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LNB1Y0 データシート(HTML) 7 Page - STMicroelectronics

Back Button ST7LNB1Y0 Datasheet HTML 3Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 4Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 5Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 6Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 7Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 8Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 9Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 10Page - STMicroelectronics ST7LNB1Y0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ST7LNB1Y0
Implementation
7/36
2
Implementation
2.1
SaTCRs mapping
The ST7LNB1Y0 could communicate through I2C with up to 8 SaTCRs (refer to Table 3).
The following hardware implementation of SaTCRs must be respected:
Table 3.
SaTCRs implementation
SaTCR
number
SaTCR(1)
1.
As a convention, SaTCR1 must be associated to the BPF having the lowest center frequency of the
application, SaTCR2 to the BPF having the next higher center frequency and so on.
SaTCR address
I²C line
0SaTCR1
C8h
I2C 1
1SaTCR2
CAh
2SaTCR3
C8h
I2C 2
3SaTCR4
CAh
4SaTCR5
C8h
I2C 3
5SaTCR6
CAh
6SaTCR7
C8h
I2C 4
7
SaTCR8 / legacy SaTCR (for wide RF band
applications)
CAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36