データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM805RM6F データシート(PDF) 6 Page - STMicroelectronics

部品番号 STM805RM6F
部品情報  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805RM6F データシート(HTML) 6 Page - STMicroelectronics

Back Button STM805RM6F Datasheet HTML 2Page - STMicroelectronics STM805RM6F Datasheet HTML 3Page - STMicroelectronics STM805RM6F Datasheet HTML 4Page - STMicroelectronics STM805RM6F Datasheet HTML 5Page - STMicroelectronics STM805RM6F Datasheet HTML 6Page - STMicroelectronics STM805RM6F Datasheet HTML 7Page - STMicroelectronics STM805RM6F Datasheet HTML 8Page - STMicroelectronics STM805RM6F Datasheet HTML 9Page - STMicroelectronics STM805RM6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Description
STM690, STM704, STM795, STM802, STM804, STM805, STM806
6/42
Doc ID 10519 Rev 9
1
Description
The STM690/704/795/802/804/805/806 supervisors are self-contained devices which
provide microprocessor supervisory functions with the ability to non-volatize and write-
protect external LPSRAM. A precision voltage reference and comparator monitors the VCC
input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset
output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog
timer (except for STM704/795/806) as well as a power-fail comparator (except for STM795)
to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin
TSSOP package.
Figure 1.
Logic diagram (STM690/802/804/805)
1.
For STM804/805, reset output is active-high and open drain.
Figure 2.
Logic diagram (STM704/806)
AI08846
VCC VBAT
STM690/
802/804/
805
VSS
VOUT
RST (RST) (1)
WDI
PFI
PFO
AI08847
VCC VBAT
STM704
STM806
VSS
VOUT
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42