データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1L02PUR データシート(PDF) 14 Page - STMicroelectronics

部品番号 ST1L02PUR
部品情報  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02PUR データシート(HTML) 14 Page - STMicroelectronics

Back Button ST1L02PUR Datasheet HTML 10Page - STMicroelectronics ST1L02PUR Datasheet HTML 11Page - STMicroelectronics ST1L02PUR Datasheet HTML 12Page - STMicroelectronics ST1L02PUR Datasheet HTML 13Page - STMicroelectronics ST1L02PUR Datasheet HTML 14Page - STMicroelectronics ST1L02PUR Datasheet HTML 15Page - STMicroelectronics ST1L02PUR Datasheet HTML 16Page - STMicroelectronics ST1L02PUR Datasheet HTML 17Page - STMicroelectronics ST1L02PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
ST1L02xx
14/19
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19