| データシートサーチシステム |
|
L6730TR データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6730TR データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 52 page ![]() L6730 - L6730B L6730 demonstration board Doc ID 11938 Rev 3 41/52 R14 1K 1% 100mW Neohm SMD 0603 IFARCAD R15 1K 1% 100mW Neohm SMD 0603 IFARCAD R16 4K7 1% 100mW Neohm SMD 0603 IFARCAD R17 N.C. R18 2.2Ω Neohm SMD 0603 IFARCAD R19 2.2Ω Neohm SMD 0603 IFARCAD R20 10K 1% 100mW Neohm SMD 0603 IFARCAD R21 N.C. R22 N.C. R23 0Ω Neohm SMD 0603 IFARCAD C1 220nF Kemet SMD 0603 IFARCAD C3-C7-C9-C15-C21 100nF Kemet SMD 0603 IFARCAD C2 1nF. Kemet SMD 0603 IFARCAD C4-C6 100uF 20V OSCON 20SA100M RADIAL 10X10.5 SANYO C8 4.7uF 20V AVX SMA6032 IFARCAD C10 10nF Kemet SMD 0603 IFARCAD C11 N.C. C12 47nF Kemet SMD 0603 IFARCAD C13 1.5nF Kemet SMD 0603 IFARCAD C14 4.7nF Kemet SMD 0603 IFARCAD C18-C19 330uF 6.3V POSCAP 6TPB330M SMD SANYO C20 N.C. L1 1.8uH Panasonic SMD ST D1 1N4148 ST SOT23 IFARCAD D2 STS1L30M ST DO216AA ST Q1-Q2 STS12NH3LL ST SO8 ST Q4-Q5 STSJ100NH3LL ST SO8 ST U1 L6730 ST HTSSOP20 ST SWITCH DIP SWITCH 7 POS. ST Table 8. Demonstration board part list (continued) Reference Value Manufacturer Package Supplier |