| データシートサーチシステム |
|
PD55008-E データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55008-E データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 25 page ![]() Typical performance PD55008-E, PD55008S-E 6/25 Doc ID 12259 Rev 2 4 Typical performance Figure 3. Capacitance vs. drain voltage Figure 4. Drain current vs. gate-source voltage Figure 5. Gate-source voltage vs. case temperature 0 5 10 15 20 25 VDD, DRAIN VOLTAGE (V) 1 10 100 1000 Ciss Coss Crss f=1 MHz 1 2 3456 VGS, GATE-SOURCE VOLTAGE (V ) 0 1 2 3 4 Vds = 10 V -25 0 25 50 75 100 Tc, CASE TEMPERATURE (°C) 0.92 0.94 0.96 0.98 1 1.02 1.04 1.06 ID = .25A ID = .5A ID = 1A ID = 2A ID = 1.5A VDS = 10 V |