データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD54008-E データシート(PDF) 20 Page - STMicroelectronics

部品番号 PD54008-E
部品情報  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E データシート(HTML) 20 Page - STMicroelectronics

Back Button PD54008-E Datasheet HTML 16Page - STMicroelectronics PD54008-E Datasheet HTML 17Page - STMicroelectronics PD54008-E Datasheet HTML 18Page - STMicroelectronics PD54008-E Datasheet HTML 19Page - STMicroelectronics PD54008-E Datasheet HTML 20Page - STMicroelectronics PD54008-E Datasheet HTML 21Page - STMicroelectronics PD54008-E Datasheet HTML 22Page - STMicroelectronics PD54008-E Datasheet HTML 23Page - STMicroelectronics PD54008-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Common source s-parameter
PD54008-E, PD54008S-E
20/29
Doc ID 12271 Rev 2
Table 15.
S-parameter for PD54008S-E (VDS = 7.5 V IDS = 800 mA)
Freq
(MHz)
IS11I
S11.F
IS21I
S21.F
IS12I
S12.F
IS22I
S22.F
50
0.825
-171
10.81
84
0.017
-2
0.844
-172
100
0.871
-174
5.27
79
0.017
-8
0.846
-175
150
0.890
-176
3.54
74
0.017
-11
0.849
-176
200
0.901
-177
2.61
70
0.016
-15
0.857
-176
250
0.905
-177
2.04
64
0.016
-18
0.862
-176
300
0.910
-178
1.66
60
0.015
-22
0.871
-177
350
0.916
-178
1.38
55
0.014
-24
0.879
-177
400
0.922
-178
1.17
51
0.013
-27
0.891
-177
450
0.927
-179
1.00
47
0.012
-30
0.899
-177
500
0.935
-179
0.86
43
0.011
-32
0.908
-177
550
0.938
-180
0.75
40
0.010
-32
0.914
-178
600
0.944
-180
0.66
37
0.009
-35
0.925
-178
650
0.949
180
0.59
34
0.008
-33
0.926
-179
700
0.951
179
0.53
31
0.007
-33
0.932
-179
750
0.953
179
0.47
29
0.007
-32
0.937
-180
800
0.958
178
0.43
26
0.006
-28
0.944
-180
850
0.960
178
0.39
24
0.006
-25
0.940
180
900
0.961
178
0.36
22
0.005
-26
0.951
179
950
0.964
177
0.33
20
0.004
-19
0.950
179
1000
0.966
177
0.30
18
0.004
-17
0.947
178
1050
0.968
176
0.28
16
0.004
-7
0.954
178
1100
0.967
176
0.26
15
0.003
7
0.958
178
1150
0.968
176
0.24
13
0.003
14
0.958
178
1200
0.970
176
0.23
12
0.003
37
0.957
178
1250
0.971
175
0.22
10
0.003
45
0.974
177
1300
0.970
175
0.20
8
0.003
48
0.979
176
1350
0.973
174
0.19
7
0.003
59
0.963
176
1400
0.972
174
0.17
5
0.004
75
0.966
175
1450
0.970
174
0.16
4
0.004
88
0.961
175
1500
0.970
174
0.15
3
0.005
102
0.967
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29